Part Number Hot Search : 
A1567 P9220 GKBB32PX 33LIT3C W1154GD 2N60A4D R1LP0408 MSM51
Product Description
Full Text Search
 

To Download NRGBR47M63V8X115F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
HIGH TEMPERATURE, EXTENDED LOAD LIFE, RADIAL LEADS, POLARIZED FEATURES * IMPROVED ENDURANCE AT HIGH TEMPERATURE (up to 10,000HRS @ 105C) * IDEAL FOR LOW VOLTAGE LIGHTING BALLAST includes all homogeneous materials
NRGB Series
RoHS Compliant
CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance Maximum Leakage Current After 2 min. @ 20C W.V. (Vdc) S.V. (Vdc) Max. Tan @120Hz/20C Low Temperature Stability Z-25C/Z+20C Impedance Ratio @ 120Hz Duration Load Life Test at Rated Voltage Capacitance @ 105C Tan LC
*See Part Number System for Details 10 ~ 100VDC 0.47 ~ 330F -25C ~ +105C 20% (M) 0.01CV or 3A whichever is greater 10 13 0.45 8 16 20 0.35 6 25 32 0.30 4 35 44 0.22 4 50 63 0.19 3 63 79 0.17 3 100 125 0.15 3
10,000 hours Within 25% of initial measured value Less than 300% of specified value Less than specified value
MAXIMUM ESR ( AT 120Hz AND 20OC)
Cap. (F) 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 330 10 7.46 3.39 2.26 16 12.4 5.81 2.64 Working Voltage (Vdc) 25 35 50 63 100 670.5 529.4 315.2 248.8 143.3 113.1 95.5 75.4 67.1 52.9 31.5 28.2 24.9 14.3 12.8 11.3 15.1 11.1 9.55 8.54 10.6 7.76 6.71 6.00 4.98 3.65 3.15 -
STANDARD PRODUCT AND CASE SIZE D x L (mm)
Cap. (F) Code 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 330 R47 1R0 2R2 3R3 4R7 100 220 330 470 101 221 331 Working Voltage (Vdc) 10 16 25 35 50 63 100 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 6.3x11 5x11 6.3x11 8x11.5 5x11 5x11 6.3x11 6.3x11 5x11 5x11 6.3x11 6.3x11 8x11.5 5x11 6.3x11 6.3x11 8x11.5 8x11.5 6.3x11 8x11.5 8x11.5 -
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 100KHz AND 105OC) LEAD SPACING AND DIAMETER (mm)
Working Voltage (Vdc) Cap (F) 10 16 25 35 50 63 0.47 12 1.0 25 2.2 35 3.3 70 4.7 80 10 90 80 22 110 170 33 130 130 190 170 47 130 130 210 190 240 100 130 210 210 330 270 220 210 330 330 330 100 20 40 50 60 70 150 230 Case Dia. (D) Lead Dia. (d) Lead Spacing (F) Dim. Dim. 5 0.5 2.0 6.3 0.5 2.5 0.5 1.5 8 0.6 3.5
L + max. 15mm Min.
Polarity Marking
Insulation Sleeve
PART NUMBER SYSTEM
NRGB 331 M 10V 8X11.5 F .
RoHS Compliant Case Size (D x L) (D Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier
d 0.05
4mm Min. D
Series
F 0.5
RIPPLE CURRENT FREQUECY CORRECTION FACTOR
Frequency (Hz) Multiplier (R) Cap. (F) 0.47 ~ 10 22 ~ 33 47 ~ 330 120 0.42 0.55 0.70 1K 0.60 0.75 0.85 10K 0.80 0.90 0.95 100K 1.00 1.00 1.00
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
83


▲Up To Search▲   

 
Price & Availability of NRGBR47M63V8X115F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X